Part Number Hot Search : 
TECB22A UM2640 2SA1859 SDL400 1N5819 2RS2H40T MA2B182 ST6020A
Product Description
Full Text Search
 

To Download SDT200GK08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STD/SDT200
Thyristor-Diode Modules, Diode-Thyristor Modules
Dimensions in mm (1mm=0.0394") VRSM VDSM V STD/SDT200GK08 900 STD/SDT200GK12 1300 STD/SDT200GK14 1500 STD/SDT200GK16 1700 STD/SDT200GK18 1900 Type VRRM VDRM V 800 1200 1400 1600 1800
Symbol ITRMS, IFRMS TVJ=TVJM ITAVM, IFAVM TC=85oC; 180o sine TVJ=45oC VR=0 ITSM, IFSM TVJ=TVJM VR=0
2
Test Conditions
Maximum Ratings 314 200
Unit A
t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine repetitive, IT=750A
8000 8500 7000 7600 38000 34000 30000 27000 250 800
A
i dt
TVJ=45oC VR=0 TVJ=TVJM VR=0
A2s
TVJ=TVJM f=50Hz, tp=200us (di/dt)cr VD=2/3VDRM IG=1A diG/dt=1A/us (dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight 50/60Hz, RMS _ IISOL<1mA
A/us
non repetitive, IT=200A 1000 120 60 20 10 -40...+130 125 -40...+130 t=1min t=1s 3000 3600 2.5-5/22-44 12-15/106-132 320 V/us W W V
o
TVJ=TVJM; VDR=2/3VDRM RGK= ; method 1 (linear voltage rise) TVJ=TVJM IT=ITAVM tp=30us tp=500us
C
V~ Nm/lb.in. g
Mounting torque (M5) Terminal connection torque (M8) Typical including screws
STD/SDT200
Thyristor-Diode Modules, Diode-Thyristor Modules
Symbol IRRM IDRM VT, VF VTO rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a per thyristor/diode; DC current per module per thyristor/diode; DC current per module Creeping distance on surface Strike distance through air Maximum allowable acceleration TVJ=25 C; tp=30us; VD=6V IG=0.45A; diG/dt=0.45A/us TVJ=25oC; VD=6V; RGK= TVJ=25 C; VD=1/2VDRM IG=1A; diG/dt=1A/us TVJ=TVJM; IT=300A; tp=200us; -di/dt=10A/us VR=100V; dv/dt=50V/us; VD=2/3VDRM TVJ=125oC; IT, IF=400A; -di/dt=50A/us typ.
o o
Test Conditions TVJ=TVJM; VR=VRRM; VD=VDRM IT, IF=600A; TVJ=25oC For power-loss calculations only (TVJ=140 C)
o o
Characteristic Values 70 40 1.50 0.95 1.0
Unit mA mA V V m V mA V mA mA mA us us uC A K/W K/W mm mm m/s2
VD=6V; VD=6V; TVJ=TVJM;
TVJ=25 C TVJ=-40oC TVJ=25oC TVJ=-40oC VD=2/3VDRM
2 3 150 200 0.25 10 300 150 2 200 760 275 0.140 0.070 0.180 0.090 12.7 9.6 50
FEATURES
* International standard package * Direct copper bonded Al2O3-ceramic base plate * Planar passivated chips * Isolation voltage 3600 V~
APPLICATIONS
* Motor control * Power converter * Heat and temperature control for industrial furnaces and chemical processes * Lighting control * Contactless switches
ADVANTAGES
* Space and weight savings * Simple mounting * Improved temperature and power cycling * Reduced protection circuits
STD/SDT200
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 1 Surge overload current ITSM, IFSM: Crest value, t: duration
Fig. 2 i2t versus time (1-10 ms)
Fig. 2a Maximum forward current at case temperature
Fig. 3 Power dissipation versus on-state current and ambient temperature (per thyristor or diode)
Fig. 4 Gate trigger characteristics
3 x STD/SDT200
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
Fig. 6 Gate trigger delay time
STD/SDT200
Thyristor-Diode Modules, Diode-Thyristor Modules
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
3 x STD/SDT200
0.15 K/W 30 DC
Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d:
ZthJC
0.10
d DC 180oC 120oC 60oC 30oC
RthJC (K/W) 0.129 0.131 0.131 0.132 0.132
0.05
Constants for ZthJC calculation: i
0.00 10-3 10-2 10-1 100 101 s 102
Rthi (K/W) 0.0035 0.0165 0.1091
ti (s) 0.099 0.168 0.456
t
1 2 3
0.20 K/W 30 DC 0.15
ZthJK
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode) RthJK for various conduction angles d: d RthJK (K/W) 0.169 0.171 0.172 0.172 0.173 DC 180oC 120oC 60oC 30oC
0.10
0.05
Constants for ZthJK calculation: i
0.00 10-3 10-2 10-1 100 101 s 102
Rthi (K/W) 0.0033 0.0159 0.1053 0.04
ti (s) 0.099 0.168 0.456 1.36
t
1 2 3 4


▲Up To Search▲   

 
Price & Availability of SDT200GK08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X